Part Number Hot Search : 
MA2Z393 GILFT 039880 74LV14A TLP3021 USB00410 MF432 MMSZ56
Product Description
Full Text Search
 

To Download D10SC6MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220f fullpak ? D10SC6MR ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/1 pb free plating product D10SC6MR pb features case: fully isolated molding to-220f weight: 2.1 gram approximately polarity: as marked on diode body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data epoxy: ul 94v-0 rate flame retardant ito-220ab unit:mm application rev.05 10 ampere,60 volt dual common anode schottky barrier half bridge rectifier positive negative common cathode case case case common anode suffix "m" case reverse doubler tandem polarity suffix "mr" suffix "ms" doubler tandem polarity suffix "md" ??absolute maximum ratings (if not specified tc=25??) item symbol conditions ratings unit storage temperature tstg -40?`150 ?? operating junction temperature tj 150 ?? maximum reverse voltage v rm 60 v repetitive peak surge reverse voltage v rrsm pulse width 0.5ms, duty 1/40 65 v average rectified forward current i o 50hz sine wave, r-load, rating for each diode io/2, tc=120?? 10 a peak surge forward current i fsm 50hz sine wave, non-repetitive 1 cycle peak value, tj=125?? 100 a repetitive peak surge reverse power p rrsm pulse width 10?s, rating of per diode, tj= 25?? 330 w dielectric strength vdis terminals to case, ac 1 minute 1.5 kv mounting torque tor (recommended torque ?f 0.3nm) 0.5 nm ??electrical characteristics tc=25?? item symbol conditions ratings unit forward voltage v f i f =5a, pulse measurement, rating of per diode max.0.58 v reverse current i r v r =v rm, pulse measurement, rating of per diode max.4.5 ma junction capacitance cj f=1mhz, v r =10v, rating of per diode typ.200 pf thermal resistance ??jc junction to case max.3.3 ??/w ??cf case to heatsink, mounting torque=0.5nm max.1.5 switching power supply dc/dc converter home appliances, office equipment telecommunication maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inducti ve load. for capacitive load, derate current by 20%. low forward voltage drop high current capability high surge current capability low reverse leakage current


▲Up To Search▲   

 
Price & Availability of D10SC6MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X